Part Number Hot Search : 
SL4516BD 12864A DSP563 CSC3968 UM110 PAD50 CONDUCT TIP125G
Product Description
Full Text Search
 

To Download ZXMP6A17E6QTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 1 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information 60 v p - channel enhancement mode mosfet product summary v (br)dss r ds(on) max i d max t a = + 25 c (note 7 ) - 6 0v 125 m ? @ v gs = - 10v - 3.0 a 190 m ? @ v gs = - 4.5 v - 2.4 a description this mosfet has been designed to minimize the on - state resistance and yet maintain superior switching performance, making it ideal for high efficiency power management applications. applications ? dc - dc converters ? power management functions ? disconnect switches ? motor control features and benefits ? low on - resistance ? fast switching speed ? low threshold ? low gate drive ? low input capacitance ? totally lead - free & fully rohs c ompliant (note s 1 & 2 ) ? halogen and antimony free. green device (note 3 ) ? qualified to aec - q101 standards for high reliability ? ppap available mechanical data ? case: so t26 ? case material: molded plastic, green molding compound. ul flammability classification rating 94v - 0 ? moisture sens itivity: level 1 per j - std - 020 ? terminals connections: see diagram below ? terminals: finish - matte tin annealed over copper lead frame. solderable per mil - std - 202, method 208 ? weight: 0. 0 1 8 grams (approximate) ordering information (note 4 & 5 ) part number compliance case quantity per reel zxmp6a17e6 q ta automotive sot 26 3 ,000 note: 1. no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain < 900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . a utomotive products are aec - q101 qualified and are ppap capable. automotive, aec - q101 and standard products are electrically and thermally the same, exc ept where specified. for more information, please refer to http://www.diodes.com/quality/product_grade_definitions/ . 5 . for packaging details, go to our website at http : //www.diodes.com/products/packages.html . marking information pin out - top view equivalent circuit top view sot26 6 a 17 = product type marking code d s g 6a17 e3
zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 2 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit drain - source voltage v dss - 60 v gate - source voltage v gs ? gs = 10v (note 7 ) i d - 3.0 a t a = + 70c (note 7 ) - 2.4 (note 6 ) - 2.3 pulsed drain current v gs = 10v (note 8 ) i dm - 13.6 a continuous source current (body diode) (note 7 ) i s - 2. 5 a pulsed source current (body diode) (note 8 ) i sm - 13.6 a thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation linear derating factor (note 6 ) p d 1.1 8.8 w mw/ ? ja 113 ? j , t stg - 55 to + 150 ? notes: 6 . for a device surface mounted on 25mm x 25mm x 1.6mm fr4 pcb with high coverage of single sided 1oz copper, in still air condi tions; the device is measured when operating in a steady - state condition. 7 . same as note ( 6 ), except the device is measured at t ? 5 sec. 8 . same as note ( 6 ), except the device is pulsed with d = 0.02 and pulse width 300 s. the pulse current is limited by the maximum junction temperature.
zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 3 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information thermal characteristics 1 10 100 10m 100m 1 10 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 100 100 1m 10m 100m 1 10 100 1k 1 10 100 10us 100us 100ms 1s r ds(on) limited 1ms p-channel safe operating area single pulse, t amb =25c dc 10ms -i d drain current (a) -v ds drain-source voltage (v) derating curve max power dissipation (w) temperature (c) d=0.2 d=0.5 d=0.1 transient thermal impedance single pulse d=0.05 thermal resistance (c/w) pulse width (s) single pulse t amb =25c pulse power dissipation maximum power (w) pulse width (s)
zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 4 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics drain - source breakdown voltage bv dss - 6 0 ? ? d = - 250 gs = 0v zero gate voltage drain current i dss ? ? ? ds = - 60 v, v gs = 0v gate - source leakage i gss ? ? ? gs = ? ds = 0v on characteristics gate threshold voltage v gs(th) - 1 .0 ? d = - 250 ds = v gs static drain - source on - resistance (note 9 ) r ds (on) ? ? gs = - 10v, i d = - 2.3 a 0.130 0. 190 v gs = - 4.5 v , i d = - 1.9 a forward transconductance (notes 9 & 10 ) g fs ? ? ds = - 15v, i d = - 2.3 a diode forward voltage (note 9 ) v sd ? s = - 2 .0 a, v gs = 0v reverse recovery time (note 10 ) t rr ? ? f = - 1.7 a, di/dt = 100a/ rr ? ? dynamic characteristics (note 10 ) input capacitance c iss ? ? ds = - 3 0 v, v gs = 0v f = 1 .0 mhz output capacitance c oss ? ? rss ? ? g ? ? ? ? gs = - 5 .0 v v ds = - 3 0v i d = - 2.3 a total gate charge (note 11 ) q g ? ? gs = - 10v gate - source charge (note 11 ) q gs ? ? gd ? ? d(on) ? ? dd = - 3 0v, v gs = - 10v i d = - 1 .0 a, r g ? ? r ? ? d(off) ? ? f ? ? notes: 9 . measured under pulsed conditions. pulse width ? 300 s; duty cycle ? 2% 10 . for design aid only, not subject to production testing. 11 . switching characteristics are independent of operating junction temperatures.
zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 5 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information typical characteristics 0.1 1 10 0.01 0.1 1 10 0.1 1 10 0.01 0.1 1 10 1 2 3 4 0.1 1 10 -50 0 50 100 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.1 1 10 0.01 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 1 10 10v 2v 3.5v -v gs 2.5v 4v 3v output characteristics t = 25c -v gs -i d drain current (a) -v ds drain-source voltage (v) 5v 1.5v 3.5v 3v 2v 4.5v 10v 2.5v output characteristics t = 150c -i d drain current (a) -v ds drain-source voltage (v) 5v typical transfer characteristics -v ds = 10v t = 25c t = 150c -i d drain current (a) -v gs gate-source voltage (v) normalised curves v temperature r ds(on) v gs = -10v i d = - 2.3a v gs(th) v gs = v ds i d = -250ua normalised r ds(on) and v gs(th) tj junction temperature (c) v gs = 0v 4v 10v 3v 2v 3.5v 2.5v on-resistance v drain current t = 25c -v gs r ds(on) drain-source on-resistance ??? -i d drain current (a) 5v t = 150c t = 25c source-drain diode forward voltage -v sd source-drain voltage (v) -i sd reverse drain current (a)
zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 6 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information typical characteristics (cont.) test circuits 0.1 1 10 0 200 400 600 800 1000 c rss c oss c iss v gs = 0v f = 1mhz c capacitance (pf) -v ds - drain - source voltage (v) 0 2 4 6 8 10 12 14 16 18 0 2 4 6 8 10 i d = -2.3a v ds = -30v gate-source voltage v gate charge capacitance v drain-source voltage q - charge (nc) -v gs gate-source voltage (v)
zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 7 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://w ww.diodes.com/datasheets/ap02001 .pdf for latest version. sot26 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? ? ? h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 ? ? ? ? all dimensions in mm dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 a m j l d b c h k x z y c1 c2 c2 g
zxmp6 a17 e6 q document number : ds 36685 rev . 1 - 5 8 of 8 www.diodes.com january 2014 ? diodes incorporated zxmp6 a17 e6 q advance information important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents und er the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any cus tomer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless aga inst all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associa ted with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united state s, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. lif e support diodes incorporated products are specifically not authorized for use as critical components in life support devices or system s without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device o r to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all leg al, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may b e provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. co pyright ? 201 4 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXMP6A17E6QTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X